Part Number Hot Search : 
120M5 M48T36 3KP10 PI74FCT V674ME02 60EPS LC070M22 2N60S
Product Description
Full Text Search
 

To Download FGP-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FGP-1000 version: 1 8 fe poe + 1 ge + 1 ge sfp switch,120w FGP-1000 is a 8-port 10/100mbps fast ethernet switch with power over ethernet (poe) capability. with 8 dip switches, each poe port can be manually set for on-off control. FGP-1000 supports up to 30w on each lan port when the dip switch is in the on position . using a levelone poe repeater, it is possible to extend the connection a further 100 meters, or even daisy-chain several poe repeaters together for greater distances. dual 10/100mbps ports can connect with other edge switches or nvr as uplink ports. key features - ieee 802.3x flow control protects against lost packets for reliable data transmission - 1000mbps-full-duplex, 10/100mbps-full/half-duplex, auto-negotiation, auto-mdi/mdix - poe on/off control per port by dip switches - total poe power budget: 120w, up to 30w per port - simple plug and play installation specifications system specifications buffer memory (kb): 512kb connectors and cabling: www.level1.com page 1 of 4
8 x 10/100base-tx rj-45 poe ports 1 x 10/100/1000base-t rj-45 poe port 1 x 100/1000base-t sfp slot button: poe power on/off switch indicator: power, active, 10/100/1000m, poe transmission method: store-and-forward power: power consumption: < 120w power input: 100-240v ac, 50-60 hz,52vdc out, external power supply standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3ab 1000base-t, gigabit ethernet ieee 802.3x full-duplex flow control features poe: power budget: max. 115w power output: 52v dc, up to 30w per port protection: poe over current & poe circuit sorting protection, pin assignment: 4/5(+), 7/8(-) performance backplane (gbps): 5.6gbps mac address table: 4k data transfer rate: 10/100/1000mbps packet forwarding rate: 1000mbps port - 1,488,000pps 100mbps port - 148,000pps 10mbps port - 14,880pps environment temperature (c): operating: 0c ~ 45c storage: - 40c ~ 70c humidity (non-condensing): storage: 10% ~ 90% operating: 10% ~ 90% physical specifications dimensions (w x d x h mm): 188 x 118 x 38 mm weight (g): 1200g www.level1.com page 2 of 4
others approval and compliance: fcc, ce deployment: desktop diagram order information FGP-1000 package contents power adapter user manual no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 3 of 4
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 4 of 4


▲Up To Search▲   

 
Price & Availability of FGP-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X